Part Number Hot Search : 
01M10 70022 MB96F378 AT54S CVCO3 A78L05 LH525CL9 1V0DS00
Product Description
Full Text Search
 

To Download KC808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SMD Type
PNP Silicon AF Transistors KC808(BC808)
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
High collector current. High current gain. Low collector-emitter saturation voltage.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PD Tj Tstg Rating -30 -25 -5 -800 310 150 -65 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector-to-baser breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Collector cutoff current Emitter cutoff current DC current gain * Collector saturation voltage * Base emitter on voltage Output Capacitance Transition frequency * Pulsed: PW 350 is, duty cycle 2% Symbol VCBO VCEO VEBO ICES IEBO hFE IC = -300 mA, VCE = -1 V VCE(sat) IC = -500 mA, IB = -50 mA VBE(on) VCE=-1V,IC=300mA Cob fT VCB=-10V,f=1MHz IC = -10 mA, VCE = -5 V, f = 50 MHz 100 60 -0.7 -1.2 12 V V pF MHz IC = -10 Testconditons A,VBE = 0 Min -30 -25 -5 -100 -100 100 630 Typ Max Unit V V V nA nA
IC = -10 mA, IB = 0 IE = -10 A, IC = 0
VCB = -25 V, VBE= 0 VEB = -4 V, IC = 0 IC = -100 mA, VCE = -1 V
Marking
NO. Marking hFE KC808-16 9GA 100 250 KC808-25 9GB 160 400 KC808-40 9GC 250 630
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KC808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X